this document was generated on 10/13/2014 please check www.molex.com for latest part information part number: 34675-0004 status: active overview: mx150? sealed and unsealed connector system description: mx150? 2 way inline male assembly with tpa, single row, 2 circuits, keying option b, with clip slot, gray documents: 3d model application specification as-34062-000 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-34646-001 (pdf) general product family crimp housings series 34675 application power, wire-to-wire comments with clip slot more detailed tech information http://ewcap.uscarteams.org overview mx150? sealed and unsealed connector system product name mx150? upc 883906097790 physical circuits (maximum) 2 circuits detail 2 color - resin gray gender male glow-wire compliant no keying to mating part yes lock to mating part yes material - resin nylon net weight 4.337/g number of rows 2 packaging type bag panel mount no pitch - mating interface 5.00mm pitch - termination interface 5.00mm polarized to mating part yes stackable no temperature range - operating -40c to +120c electrical current - maximum per contact 22a material info reference - drawing numbers application specification as-34062-000 product specification ps-34646-001 sales drawing sd-34675-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 34675 series mates with 34062-0022 mx150? sealed female receptacle use with 34080 male terminal this document was generated on 10/13/2014 please check www.molex.com for latest part information
|